Part Number Hot Search : 
BR104 PCF0330 21009 TI100422 SP568 P3002AAL 04447 AT89C5
Product Description
Full Text Search
 

To Download PC-TFT-35XS-LED Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
PC-TFT-35XS-LED
Interface Board
Features
* Used for TFT-LCD display: 3.5" AND-TFT-35XS-LED * Ultra compact, light, thin and small * DC/DC DC/AC Video Decoder all in one * NTSC/PAL Video Input Switch * Up/Down, Left/Right Display Reverse * Composite Video RGB Mode Switchable * RoHS Compliant
Mechanical Characteristics Item Outline Dimension Weight Absolute Maximum Rating Item Operating Temperature Storage Temperature Specification 62.5 (W) x 52 (H) x 7.5 (D) 20 Unit mm g
The PC-TFT-35XS-LED is designed to work with the AND-TFT-35XS-LED color TFT display which is suitable for security, video game, door phone, video phone, portable TV and instrument display applications. Do not use for products which demand extremely high performance in terms of functionality, reliability, or accuracy. Products such as: aerospace equipment, control equipment for nuclear power industry or medical equipment related to life support.
Symbol Top Tstg
Conditions - -
Min. 0 -30
Max. 60 80
Unit C C
DC to DC Converter Voltage (V) +5V +7.5V +15V -12V Input Characteristics: Typical Input Voltage: 8V DC Input Voltage Range: 6VDC to 15 VDC Input Current: 150mA, Typical at 12VDC with panel load. Inrush Current Max: 250mA at 6VDC, 130mA at 15VDC Cold start at 25C, 5.0VDC with panel load. Sync. Pulse: 60KHz Typical Current (mA) 50-100 6~10 5~5 2-5 Total Regulation Min. 4.8 7 12 -9 Typ. 5.0 9.1 15 -12 Max. 5.1 9.5 16 -15 Ripple & Noise (mV) 50 200 200 200
Product specifications contained herein may be changed without prior notice. It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com
6/22/07
1
www.purdyelectronics.com
PC-TFT-35XS-LED
Terminal Pin Assignment Pin Symbol I/O No. 1 2 3 4 5 6 7 8 9 10 11 12 +5V COL BRT CNT Video U/P R/L GND GND +12V HSY VSY O I I I I I I I I I O O Description 5.0V output color adj. brightness adj. contrast adj. composite video signal up/down scan control left/right scan control ground ground +12V DC power input HSY output VSY output Remarks - - - - The signal resistance is 75, 1V p-p. +5V or GND +5V or GND - - - - - Output Characteristics: DC to DC Backlight Inverter: Starting Voltage: 15.8VDC, typical at 6.0 VDC Working Voltage: 16.0 VDC, typical at 15 VDC Working Current: DC 10mA 20% typical for general application. Block Diagram
Connector: Pin No: FC12D (Bottom Contact) Pitch: FC 1.0mm
AND-TFT-35XS-LED
AND-TFT-35XS-LED
PC-TFT-35XS-LED
Power Video Chroma Signal Composite Video/RGB Signal Processing DC/DC - LED Driver Picture control signal
2
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com
6/22/07
www.purdyelectronics.com
PC-TFT-35XS-LED
Dimensional Outline
6/22/07
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com
3
www.purdyelectronics.com
PC-TFT-35XS-LED
Dimensional Outline
4
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com
6/22/07
www.purdyelectronics.com


▲Up To Search▲   

 
Price & Availability of PC-TFT-35XS-LED

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X